Part Number Hot Search : 
BZX79C11 7NA60 AD7634 00350 U3502BM STA9012N ADC1215S HMD1M1Z1
Product Description
Full Text Search
 

To Download 0039000139 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000139 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-5556-001 (PDF) Product Specification PS-5556-002 (PDF)
Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5556 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Female Brass Gold Tin Reel Crimp or Compression 0.90-1.80mm (.035-.071") 22, 24, 26, 28 N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V Search Parts in this Series 5556Series Mates With 5558 Male Crimp Terminals. 5559 Plug Housing. Mini-Fit Jr.TM Header, Dual Row, 5566 , 5569 Use With 5557 Mini-Fit Jr.TM Receptacle Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639002700 Applicator T2 Terminator 0639102700 Tooling Die
Material Info
Old Part Number 5556GS8
Reference - Drawing Numbers
Product Specification Sales Drawing Test Summary PS-5556-001, PS-5556-002, PS-5556-003 SD-5556-006 TS-5556-002
FineAdjust for Mini- 0639020200 Fit Jr.TM Crimp Terminals T2 Terminator for 0639120200 Mini-Fit Jr.TM Crimp Terminals
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000139

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X